Part Number Hot Search : 
2SC3257 LP2998 81200 IS61WV 88HFR140 R083Q T1220NL AR258
Product Description
Full Text Search
 

To Download 2SD2089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD2089
DESCRIPTION With TO-3P(H)IS package Built-in damper diode High voltage ,high speed Low collector saturation voltage APPLICATIONS Small screen color TV horizontal output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
ABSOLUTE MAXIMUM RATINGS AT Ta=25ae
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25ae PC Collector power dissipation Tc=25ae Tj Tstg Junction temperature Storage temperature 40 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 3.5 1 3.5 W V A A UNIT V
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current DC current gain Transition frequency Collector output capacitance Diode forward voltage Fall time CONDITIONS IE=200mA , IC=0 IC=2.2A; IB=0.7A IC=2.2A; IB=0.7A VCB=500V; IE=0 IC=0.5A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1MHz IF=2.2A ICP=2.2A ;IB1(end)=0.7A 9 3 95 1.2 0.2 MIN 5 0.3
2SD2089
SYMBOL VEBO VCEsat VBEsat ICBO hFE fT COB VF tf
TYP.
MAX
UNIT V
1.0 1.0 10 18 |I
V V A
0.85
MHz pF 1.5 0.5 |I V s
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2089
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD2089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X